Part Number Hot Search : 
331M1 A6303 MC144111 FR2504 243R3 CAT102 BH3515FV ST2N6520
Product Description
Full Text Search
 

To Download R2368 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PHOTOMULTIPLIER TUBE
R2368
TRANSMISSION MODE PHOTOCATHODE
Good Spatial Uniformity, Wide Angle of Radiant Input Multialkali Photocathode For UV-Visible Spectrophotometers and General Applications
R2386 is a 28mm (1-1/8 Inch) diameter, side-on photomultiplier tube having a transmission mode multialkali photocathode. The transmission mode photocathode offers better spatial uniformity and wider angle of radiation input than conventional side-on tubes which have opaque photocathodes (reflection mode photocathode). Also, this type of photocathodes is independent of polarized light. The R2368 has a 9-stage dynode which provides high gain and employs an HA Coating for noise reduction and an "Anti-hysteresis design".
GENERAL
Parameter Spectral Response Wavelength of Maximum Response Material Photocathode Useful Area (Minimum) Window Material Structure Dynode Number of Stages Base Suitable Socket Suitable Socket Assembly Direct Interelectrode Anode to Last Dynode Capacitance Anode to All Other Electrodes Description/Value 185 to 850 420 Multialkali 16 x 18 UV glass Circular-cage 9 JEDEC No. B11-88 E678-11A E717-05 1.2 3.4 Unit nm nm -- mm -- -- -- -- -- pF pF
Figure 1: Typical Spectral Response
TPMSB0148EA
100
MAXIMUM RATINGS (Absolute Maximum Values)
CATHODE RADIANT SENSITIVITY (mA/W) QUANTUM EFFICIENCY (%)
Parameter Anode and Cathode Supply Voltage Anode and Last Dynode Average Anode Current (NOTE 1) Ambient Temperature
Value 1250 250 0.1 -80 to +50
Unit V V mA C
CATHODE RADIANT SENSITIVITY
10 QUANTUM EFFICIENCY 1
CHARACTERISTICS (at 25C)
Parameter Anode Luminous Sensitivity (NOTE 2, 3) Cathode Luminous Sensitivity (NOTE 4) Cathode Red/White Ratio (NOTE 5) Gain (NOTE 2) Anode Dark Current (NOTE 2) Anode Pulse Rise Time (NOTE 2, 6) Current Hysteresis (NOTE 7) Voltage Hysteresis (NOTE 7) Min. 50 80 -- -- -- -- -- -- Typ. 200 150 0.15 1.3 x 106 5 1.2 0.1 1.0 Max. -- -- -- -- 50 -- -- -- Unit A/lm A/lm -- -- nA ns % %
0.1
0.01
200
400
600
800
1000
WAVELENGTH (nm)
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office. Information furnished by HAMAMATS U is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. (c) 1998 Hamamatsu Photonics K.K.
PHOTOMULTIPLIER TUBE R2368
Figure 2: Typical Spatial Uniformity
X-Axis
100 RELATIVE SENSITIVITY (%)
Y-Axis
80
60
40
20
0 15
10
5
0
5
10
15 15 Y X
10
5
0
5
10
15
DISTANCE FROM CENTER OF PHOTOCATHODE (mm) CATHODE ANODE
DISTANCE FROM CENTER OF PHOTOCATHODE (mm) SPOT SIZE : 1mm DIA. SUPPLY VOLTAGE: 1000V WAVELENGTH : 400nm
TPMSB0149EA
Figure 3: Dimensional Outline and Basing Diagram (Unit: mm)
29.0 1.7 18MIN. PHOTOCATHODE DY6 6
NOTES
1. Averaged over any interval of 30 seconds maximum. 2. Supply voltage of 1000 volts is applied between the cathode and the anode using the voltage distribution ratio shown below.
Electrodes Distribution Ratio K 1 Dy1 1 Dy2 1 Dy3 1 Dy4 1 Dy5 1 Dy6 1 Dy7 1 Dy8 1 Dy9 1 P
K: Cathode, Dy: Dynode, P: Anode
DY5 16MIN. DY4 4 76MAX. DY3 3 90MAX. DY2 2
5
7
DY7 8 DY8 9 DY9 10 P
3. The light source is a tungsten filament lamp operated at a distribution temperature of 2856K. The light input is 0.01 microlumen. 4. Under the same conditions as Note 3 except that the light input is 0.01 lumen and 100 volts are applied between the cathode and all other electrodes connected together as an anode. 5. The red/white ratio is the quotiant of the cathode current measured using a red filter (Toshiba R-68) interposed between the light source and the tube by the cathode current measured with the filter removed under the same condition as Note 4.
49.0 2.5
1
11 K
DY1
DIRECTION OF LIGHT
32.2 0.5 11 PIN BASE JEDEC No. B11-88 HA COATING
TPMSA0026EA
6. The rise time is the time for the output pulse to rise from 10% to 90% of the peak amplitude when the entire photocathode is illuminated by a delta function light pulse. 7. Hysteresis is a temporary instability in anode current after light and voltage are applied.
Warning-Personal Safety Hazards Electrical Shock -- Operating voltage applied to this device presents shock hazard.
HAMAMATSU PHOTONICS K.K., Electoron Tube Center 314-5, Shimokanzo, Toyooka-village, Iwata-gun, Shizuoka-ken, 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910 Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218 Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658 France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10 United Kingdom: Hamamatsu Photonics UK Limted: Lough Point, 2 Gladbeck Way, Windmill Hill, Enfield, Middlesex EN2 7JA, United Kingdom, Telephone: (44)181-367-3560, Fax: (44)181-367-6384 North Europe: Hamamatsu Photonics Norden AB: Farogatan 7, S-164-40 Kista Sweden, Telephone: (46)8-703-29-50, Fax: (46)8-750-58-95 Italy: Hamamatsu Photonics Italia: S.R.L.: Via Della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)2-935 81 733, Fax: (39)2-935 81 741
TPMS1043E01 JUN. 1998


▲Up To Search▲   

 
Price & Availability of R2368

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X